| Moteur de recherche de fiches techniques de composants électroniques |
|
MLX71122 Fiches technique(PDF) 21 Page - Melexis Microelectronic Systems |
|
|
|||||||||||||||||||||||||||||
MLX71122 Fiches technique(HTML) 21 Page - Melexis Microelectronic Systems |
|
21 / 59 page ![]() MLX71122 300 to 930MHz FSK/FM/ASK Receiver Datasheet REVISION 014 – AUGUST, 2016 Page 21 of 59 390 10 71122 01 3.2. PLL Frequency Synthesizer The MLX71122 contains an integer-N PLL frequency synthesizer. The reference frequency fR is derived from a stable crystal reference oscillator. Fig. 4: Integer-N PLL Frequency Synthesizer Topology The locked state of the PLL is defined by the following relations: A P N f N f f f f R f VCO tot VCO FB PFD R RO . (14) In this formula the total PLL feedback divider ratio is called Ntot. The synthesized output frequency fVCO can be changed by reprogramming the reference divider or the feedback divider according to R f A P N R f N f RO RO tot VCO . (15) The R counter is used to set the channel spacing. Different channels can be selected by changing the total feedback divider ratio. Reference Oscillator Reference Divider Phase-Frequency Detector Charge Pump VCO f RO f Voltage Controlled Oscillator FB f R f External Loop Filter LF Feedback Divider VCC |