Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SB549 Fiches technique(PDF) 2 Page - Inchange Semiconductor Company Limited

No de pièce 2SB549
Description  Silicon PNP Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ISC [Inchange Semiconductor Company Limited]
Site Internet  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SB549 Fiches technique(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SB549 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SB549 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
2
isc Silicon PNP Power Transistor
2SB549
ELECTRICAL CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= -1mA; RBE=∞
-100
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= -0.5A; IB= -50mA
-2.0
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= -0.5A; IB= -50mA
-1.5
V
ICBO
Collector Cutoff Current
VCB= -80V; IE= 0
-1
μ
A
IEBO
Emitter Cutoff Current
VEB= -3V; IC= 0
-1
μ
A
hFE -1
DC Current Gain
IC= -2mA; VCE= -5V
20
hFE -2
DC Current Gain
IC= -0.2A; VCE= -5V
40
320
COB
Output Capacitance
IE=0; VCB= -10V; f= 1MHz
25
pF
fT
Current-Gain—Bandwidth Product
IC=-0.1A ; VCE= -5V
70
MHz
hFE -2Classifications
S
R
Q
P
40-80
60-120
100-200
160-320



Html Pages

1 2