Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM3T-4824D-RVZ Fiches technique(PDF) 2 Page - AIMTEC

No de pièce AM3T-4824D-RVZ
Description  3 Watt | DC-DC Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AIMTEC [AIMTEC]
Site Internet  https://aimtec.com
Logo AIMTEC - AIMTEC

AM3T-4824D-RVZ Fiches technique(HTML) 2 Page - AIMTEC

  AM3T-4824D-RVZ Datasheet HTML 1Page - AIMTEC AM3T-4824D-RVZ Datasheet HTML 2Page - AIMTEC AM3T-4824D-RVZ Datasheet HTML 3Page - AIMTEC AM3T-4824D-RVZ Datasheet HTML 4Page - AIMTEC AM3T-4824D-RVZ Datasheet HTML 5Page - AIMTEC AM3T-4824D-RVZ Datasheet HTML 6Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Series AM3T-RVZ
3 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.D
2 of 6
North America only
Models
Dual output (continued)
Model
Input Voltage
(V)
Output
Voltage
(V)
Output Current
Max (mA)
Capacitive
Load,
Max (μF)
Input Current
Full | No Load
(mA)
Efficiency
(%)
AM3T-0524D-RVZ
4.5-9
±24
±63
±100
±63
70
70
AM3T-1205D-RVZ
9-18
±5
±300
±1000
±300
69
76
AM3T-1207D-RVZ
9-18
±7.2
±208
±220
±208
67
77
AM3T-1209D-RVZ
9-18
±9
±167
±220
±167
70
77
AM3T-1212D-RVZ
9-18
±12
±125
±220
±125
72
79
AM3T-1215D-RVZ
9-18
±15
±100
±220
±100
74
79
AM3T-1218D-RVZ
9-18
±18
±83
±220
±83
74
78
AM3T-1224D-RVZ
9-18
±24
±63
±100
±63
70
79
AM3T-2405D-RVZ
18-36
±5
±300
±1000
±300
69
80
AM3T-2407D-RVZ
18-36
±7.2
±208
±220
±208
67
78
AM3T-2409D-RVZ
18-36
±9
±167
±220
±167
70
80
AM3T-2412D-RVZ
18-36
±12
±125
±220
±125
72
82
AM3T-2415D-RVZ
18-36
±15
±100
±220
±100
74
82
AM3T-2418D-RVZ
18-36
±18
±83
±220
±83
74
80
AM3T-2424D-RVZ
18-36
±24
±63
±100
±63
70
80
AM3T-4805D-RVZ
36-72
±5
±300
±1000
±300
69
78
AM3T-4807D-RVZ
36-72
±7.2
±208
±220
±208
67
78
AM3T-4809D-RVZ
36-72
±9
±167
±220
±167
70
79
AM3T-4812D-RVZ
36-72
±12
±125
±220
±125
72
80
AM3T-4815D-RVZ
36-72
±15
±100
±220
±100
74
80
AM3T-4818D-RVZ
36-72
±18
±83
±220
±83
74
78
AM3T-4824D-RVZ
36-72
±24
±63
±100
±63
70
80
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
5
4.5-9
VDC
12
9-18
24
18-36
48
36-72
Filter
 (Pi) Network
Start-up time
20
ms
Absolute Maximum Rating
5 Vin
-0.7-15
VDC
12 Vin
-0.7-24
24 Vin
-0.7-40
48 Vin
-0.7-80
Peak Input Voltage time
15
ms
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
60 sec
1500
VDC
Resistance
> 1000
MOhm
Capacitance
60
pF



Html Pages

1 2 3 4 5 6