| Moteur de recherche de fiches techniques de composants électroniques |
|
175285 Fiches technique(PDF) 16 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
175285 Fiches technique(HTML) 16 Page - Tyco Electronics |
|
16 / 43 page ![]() 93 Catalog 1242132 Dimensions are in millimeters Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 5-07 unless otherwise specified. reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com to change. C. America: 52-55-1106-0803 UK: 44-8706-080-208 D-5200 Series (Continued) AMP Dynamic Series Connectors D-5200M — Modular Type (Continued) Board-mount Tab Header (Horizontal Type) No. of Pos. 4 Part Number of Tab Header Dimensions AB C 29.36 22.86 10.16 J -1123309-J Board-mount Tab Header (Horizontal Type) No. of Pos. 8 Part Number of Tab Header Dimensions AB C 49.68 43.18 30.48 1123829-1 PC Board Layout Applicable Board Thickness: 1.6-2.4±0.1 PC Board Layout Applicable Board Thickness: 1.6-=2.4±0.1 Mating Receptacle Housing Part Number: J -917807-J Mating Receptacle Housing Part Number: J -917807-J |