Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

175284 Fiches technique(PDF) 28 Page - Tyco Electronics

No de pièce 175284
Description  AMP Dynamic Series Connectors
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics

175284 Fiches technique(HTML) 28 Page - Tyco Electronics

Back Button 175284 Datasheet HTML 24Page - Tyco Electronics 175284 Datasheet HTML 25Page - Tyco Electronics 175284 Datasheet HTML 26Page - Tyco Electronics 175284 Datasheet HTML 27Page - Tyco Electronics 175284 Datasheet HTML 28Page - Tyco Electronics 175284 Datasheet HTML 29Page - Tyco Electronics 175284 Datasheet HTML 30Page - Tyco Electronics 175284 Datasheet HTML 31Page - Tyco Electronics 175284 Datasheet HTML 32Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 43 page
background image
105
Catalog 1242132
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 5-07
unless otherwise specified.
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
AMP Dynamic with HTS Connectors (Wire-to-Panel and Wire-to-Wire) (Continued)
AMP Dynamic Series Connectors
Cable Fittings
Plastic Type
Gland fitting IP 68 plastic
PG
D
SW
Designation
Part Number
Min.
Max.
11
5
10
22
HUT.11.P
1-1106005-7
13.5
6
12
24
HUT.13.P
2-1106005-7
16
10
14
27
HUT.16.P
3-1106005-7
21
13
18
33
HUT.21.P
4-1106005-7
29
18
25
42
HUT.29.P
5-1106005-7
36
22
32
53
HUT.36.P
6-1106005-7
42
32
38
60
HUT.42.P
7-1106005-7
Metr.
D
SW
Designation
Part Number
Min.
Max.
M16
48
20
HUT.M16.P
1-1102771-6
M20
6
12
24
HUT.M20.P
2-1102771-0
M25
10
14
29
HUT.M25.P
2-1102771-5
M32
13
18
36
HUT.M32.P
3-1102771-2
M40
18
25
46
HUT.M40.P
4-1102771-0
M50
22
32
55
HUT.M50.P
5-1102771-0
PG
D
SW
Designation
Part Number
Min.
Max.
11
5
10
20
HUT.11.MS
1-110606-9
13.5
6
12
22
HUT.13.MS
2-1106006-9
16
10
14
24
HUT.16.MS
3-1106006-9
21
13
18
30
HUT.21.MS
4-1106006-9
29
18
25
40
HUT.29.MS
5-1106006-9
36
22
32
50
HUT.36.MS
6-1106006-9
42
32
38
57
HUT.42.MS
7-1106006-9
Metr.
D
SW
Designation
Part Number
Min.
Max.
M16
5
10
17
HUT.M16.P
1-1102770-6
M20
6
12
22
HUT.M20.P
2-1102770-0
M25
13
18
27
HUT.M25.P
2-1102770-5
M32
18
25
34
HUT.M32.P
3-1102770-2
M40
22
32
43
HUT.M40.P
4-1102770-0
M50
32
38
55
HUT.M50.P
5-1102770-0
Metal Type
Gland fitting IP 68 brass,
nickel plated neoprene
sealing insert and O-ring
at connection thread.
Note: Variable options are available other than those listed above. Please refer to HTS Catalog 889745-2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43