Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

175195 Fiches technique(PDF) 19 Page - Tyco Electronics

No de pièce 175195
Description  AMP Dynamic Series Connectors
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics

175195 Fiches technique(HTML) 19 Page - Tyco Electronics

Back Button 175195 Datasheet HTML 15Page - Tyco Electronics 175195 Datasheet HTML 16Page - Tyco Electronics 175195 Datasheet HTML 17Page - Tyco Electronics 175195 Datasheet HTML 18Page - Tyco Electronics 175195 Datasheet HTML 19Page - Tyco Electronics 175195 Datasheet HTML 20Page - Tyco Electronics 175195 Datasheet HTML 21Page - Tyco Electronics 175195 Datasheet HTML 22Page - Tyco Electronics 175195 Datasheet HTML 23Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 43 page
background image
96
Catalog 1242132
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 5-07
unless otherwise specified.
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
D-5200 Series (Continued)
AMP Dynamic Series Connectors
D-5200Mα — High Current
Type (Continued)
Board-mount Tab Header (Horizontal Type)
10.16
22.56
10.16
16.66
29.36
30.86
Tab Contact
4.58
22.56
4.9
45
Round
2-Ø4MIN
2-Ø3
8-Ø1.8
Header Outline
Row No.
1
2
45
3.8
27.94
3.34
10.16
2.54
Circuit No.
±0.5
4.55
±0.5
16.66
±0.5
1.95
±0.5
10.16
±0.5
2.54
±0.5
17.78
±0.5
10.16
PC Board Layout
Applicable Board
Thickness: 1.6 2.4 0.1
1-1318983-6
2-1318983-6
3-1318983-6
No. of
Positions
Part Number of
Tab Header
4
Keying
XX
YY
XY
Mating Receptacle Housing
Part Number:
J
-179958-J
J
-917807-J



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43