Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F413xH Fiches technique(PDF) 189 Page - STMicroelectronics

No de pièce STM32F413xH
Description  ARM-Cortex-M4 32b MCUFPU, 125 DMIPS, up to 1.5MB Flash, 320KB RAM, USB OTG FS, 1 ADC, 2 DACs, 2 DFSDMs
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F413xH Fiches technique(HTML) 189 Page - STMicroelectronics

Back Button STM32F413xH Datasheet HTML 185Page - STMicroelectronics STM32F413xH Datasheet HTML 186Page - STMicroelectronics STM32F413xH Datasheet HTML 187Page - STMicroelectronics STM32F413xH Datasheet HTML 188Page - STMicroelectronics STM32F413xH Datasheet HTML 189Page - STMicroelectronics STM32F413xH Datasheet HTML 190Page - STMicroelectronics STM32F413xH Datasheet HTML 191Page - STMicroelectronics STM32F413xH Datasheet HTML 192Page - STMicroelectronics STM32F413xH Datasheet HTML 193Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 207 page
background image
DocID029162 Rev 2
189/207
STM32F413xG/H
Package information
205
7.5
LQFP144 package information
Figure 75. LQFP144 - 144-pin, 20 x 20 mm low-profile quad flat package outline
1. Drawing is not to scale.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More