Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F413xH Fiches technique(PDF) 69 Page - STMicroelectronics

No de pièce STM32F413xH
Description  ARM-Cortex-M4 32b MCUFPU, 125 DMIPS, up to 1.5MB Flash, 320KB RAM, USB OTG FS, 1 ADC, 2 DACs, 2 DFSDMs
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F413xH Fiches technique(HTML) 69 Page - STMicroelectronics

Back Button STM32F413xH Datasheet HTML 65Page - STMicroelectronics STM32F413xH Datasheet HTML 66Page - STMicroelectronics STM32F413xH Datasheet HTML 67Page - STMicroelectronics STM32F413xH Datasheet HTML 68Page - STMicroelectronics STM32F413xH Datasheet HTML 69Page - STMicroelectronics STM32F413xH Datasheet HTML 70Page - STMicroelectronics STM32F413xH Datasheet HTML 71Page - STMicroelectronics STM32F413xH Datasheet HTML 72Page - STMicroelectronics STM32F413xH Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 207 page
background image
PE0
-
-
TIM4_
ETR
DFSDM2_
CKIN4
--
-
-
UART8_
Rx
--
-
FSMC_
NBL0
--
EVENT
OUT
PE1
-
-
-
DFSDM2_
DATIN4
--
-
-
UART8_
Tx
--
-
FSMC_
NBL1
--
EVENT
OUT
PE2
TRACE
CLK
--
-
-
SPI4_SCK
/I2S4_CK
SPI5_SCK/
I2S5_CK
SAI1_
MCLK_A
-
QUADSPI_
BK1_IO2
-
UART10
_RX
FSMC_A23
-
-
EVENT
OUT
PE3
TRACE
D0
-
-
-
-
-
-
SAI1_SD_B
-
-
-
UART10
_TX
FSMC_A19
-
-
EVENT
OUT
PE4
TRACE
D1
--
-
-
SPI4_NSS/
I2S4_WS
SPI5_NSS/
I2S5_WS
SAI1_SD_A
DFSDM1_
DATIN3
-
-
-
FSMC_A20
-
-
EVENT
OUT
PE5
TRACE
D2
-
-
TIM9_CH1
-
SPI4_MISO SPI5_MISO
SAI1_SCK_
A
DFSDM1_
CKIN3
-
-
-
FSMC_A21
-
-
EVENT
OUT
PE6
TRACE
D3
-
-
TIM9_CH2
-
SPI4_MOSI/
I2S4_SD
SPI5_MOSI/
I2S5_SD
SAI1_FS_A
-
-
-
-
FSMC_A22
-
-
EVENT
OUT
PE7
-
TIM1_ETR
-
-
-
-
DFSDM1_
DATIN2
-
UART7_
Rx
-
QUADSPI_
BK2_IO0
-
FSMC_D4/F
SMC_DA4
--
EVENT
OUT
PE8
-
TIM1_
CH1N
--
-
-
DFSDM1_
CKIN2
-
UART7_
Tx
-
QUADSPI_
BK2_IO1
-
FSMC_D5/F
SMC_DA5
--
EVENT
OUT
PE9
-
TIM1_CH1
-
-
-
-
DFSDM1_
CKOUT
--
-
QUADSPI_
BK2_IO2
-
FSMC_D6/F
SMC_DA6
--
EVENT
OUT
PE10
-
TIM1_CH2
N
-
DFSDM2_
DATIN0
--
-
-
-
-
QUADSPI_
BK2_IO3
-
FSMC_D7/F
SMC_DA7
--
EVENT
OUT
PE11
-
TIM1_CH2
-
DFSDM2_
CKIN0
-
SPI4_NSS/
I2S4_WS
SPI5_NSS/
I2S5_WS
--
-
-
-
FSMC_D8/F
SMC_DA8
--
EVENT
OUT
PE12
-
TIM1_
CH3N
-
DFSDM2_
DATIN7
-
SPI4_SCK/
I2S4_CK
SPI5_SCK/
I2S5_CK
--
-
-
-
FSMC_D9/F
SMC_DA9
--
EVENT
OUT
PE13
-
TIM1_CH3
-
DFSDM2_
CKIN7
-
SPI4_MISO SPI5_MISO
-
-
-
-
-
FSMC_D10/
FSMC_
DA10
--
EVENT
OUT
PE14
-
TIM1_CH4
-
-
-
SPI4_MOSI/
I2S4_SD
SPI5_MOSI/
I2S5_SD
--
-
DFSDM2_
DATIN1
-
FSMC_D11/F
SMC_
DA11
--
EVENT
OUT
PE15
-
TIM1_BKI
N
--
-
-
-
-
-
-
DFSDM2_
CKIN1
-
FSMC_D12/
FSMC_
DA12
--
EVENT
OUT
Table 11. STM32F413xG/H alternate functions (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13 AF14
AF15
SYS_
AF
TIM1/2/
LPTIM1
TIM3/4/5
DFSDM2/
TIM8/9/10/11
I2C1/2/3/
I2CFMP1
SPI1/I2S1/
SPI2/I2S2/
SPI3/I2S3/
SPI4/I2S4
SPI2/I2S2/
SPI3/I2S3/
SPI4/I2S4/
SPI5/I2S5/
DFSDM1/2
SPI3/I2S3/
SAI1/
DFSDM2/
USART1/
USART2/
USART3
DFSDM1/
USART3/4/
5/6/7/8/
CAN1
I2C2/I2C3/
I2CFMP1/
CAN1/2/
TIM12/13/14/
QUADSPI
SAI1/
DFSDM1/
DFSDM2/
QUADSPI/
FSMC
/OTG1_FS
UART4/
UART5/
UART9/
UART10
/CAN3
FSMC /SDIO
-
RNG
SYS_
AF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More