| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F413ZG Fiches technique(PDF) 60 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F413ZG Fiches technique(HTML) 60 Page - STMicroelectronics |
|
60 / 207 page ![]() Pinouts and pin description STM32F413xG/H 60/207 DocID029162 Rev 2 33 45 B3 71 A12 B12 104 PA12 I/O FT - TIM1_ETR, DFSDM2_DATIN5, SPI2_MISO, SPI5_MISO, USART1_RTS, USART6_RX, CAN1_TX, USB_FS_DP, UART4_TX, EVENTOUT - 34 46 C2 72 A11 A12 105 PA13 I/O FT - JTMS-SWDIO, EVENTOUT - - - C1 73 C11 G9 106 VCAP_2 S - - - - 35 47 B1 74 F11 G10 107 VSS S - - - - -48 - 75 G11 - - VDD S - - - - 36 - A1 - - F9 108 VDD S - - - - 37 49 B2 76 A10 A11 109 PA14 I/O FT - JTCK-SWCLK, EVENTOUT - 38 50 A3 77 A9 A10 110 PA15 I/O FT - JTDI, TIM2_CH1/TIM2_ETR, SPI1_NSS/I2S1_WS, SPI3_NSS/I2S3_WS, USART1_TX, UART7_TX, SAI1_MCLK_A, CAN3_TX, EVENTOUT - - 51 A2 78 B11 B11 111 PC10 I/O FT - DFSDM2_CKIN5, SPI3_SCK/I2S3_CK, USART3_TX, QUADSPI_BK1_IO1, SDIO_D2, EVENTOUT - - 52 C4 79 C10 B10 112 PC11 I/O FT - DFSDM2_DATIN5, I2S3ext_SD, SPI3_MISO, USART3_RX, UART4_RX, QUADSPI_BK2_NCS, FSMC_D2, SDIO_D3, EVENTOUT - - 53 B4 80 B10 C10 113 PC12 I/O FT - SPI3_MOSI/I2S3_SD, USART3_CK, UART5_TX, FSMC_D3, SDIO_CK, EVENTOUT - Table 10. STM32F413xG/H pin definition (continued) Pin Number Pin name (function after reset)(1) Pin type I/O structure Notes Alternate functions Additional functions |