Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F413RH Fiches technique(PDF) 53 Page - STMicroelectronics

No de pièce STM32F413RH
Description  ARM-Cortex-M4 32b MCUFPU, 125 DMIPS, up to 1.5MB Flash, 320KB RAM, USB OTG FS, 1 ADC, 2 DACs, 2 DFSDMs
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F413RH Fiches technique(HTML) 53 Page - STMicroelectronics

Back Button STM32F413RH Datasheet HTML 49Page - STMicroelectronics STM32F413RH Datasheet HTML 50Page - STMicroelectronics STM32F413RH Datasheet HTML 51Page - STMicroelectronics STM32F413RH Datasheet HTML 52Page - STMicroelectronics STM32F413RH Datasheet HTML 53Page - STMicroelectronics STM32F413RH Datasheet HTML 54Page - STMicroelectronics STM32F413RH Datasheet HTML 55Page - STMicroelectronics STM32F413RH Datasheet HTML 56Page - STMicroelectronics STM32F413RH Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 207 page
background image
DocID029162 Rev 2
53/207
STM32F413xG/H
Pinouts and pin description
72
--
F6
-
E3
H5
-
BYPASS_
REG
IFT
-
-
-
-19
J8
28
-
F4
39
VDD
S
-
-
-
-
14 20
E5
29
M3
J3
40
PA4
I/O
TTa
-
SPI1_NSS/I2S1_WS,
SPI3_NSS/I2S3_WS,
USART2_CK,
DFSDM1_DATIN1,
FSMC_D6, EVENTOUT
ADC1_IN4,
DAC_OUT1
15 21 G6
30
K4
K3
41
PA5
I/O
TTa
-
TIM2_CH1/TIM2_ETR,
TIM8_CH1N,
SPI1_SCK/I2S1_CK,
DFSDM1_CKIN1,
FSMC_D7, EVENTOUT
ADC1_IN5,
DAC_OUT2
16 22
F5
31
L4
L3
42
PA6
I/O
FT
-
TIM1_BKIN, TIM3_CH1,
TIM8_BKIN,
SPI1_MISO, I2S2_MCK,
DFSDM2_CKIN1,
TIM13_CH1,
QUADSPI_BK2_IO0,
SDIO_CMD,
EVENTOUT
ADC1_IN6
17 23
J7
32
M4
M3
43
PA7
I/O
FT
-
TIM1_CH1N,
TIM3_CH2,
TIM8_CH1N,
SPI1_MOSI/I2S1_SD,
DFSDM2_DATIN1,
TIM14_CH1,
QUADSPI_BK2_IO1,
EVENTOUT
ADC1_IN7
-24 H633
K5
J4
44
PC4
I/O
FT
-
DFSDM2_CKIN2,
I2S1_MCK,
QUADSPI_BK2_IO2,
FSMC_NE4,
EVENTOUT
ADC1_IN14
-25
J6
34
L5
K4
45
PC5
I/O
FT
-
DFSDM2_DATIN2,
I2CFMP1_SMBA,
USART3_RX,
QUADSPI_BK2_IO3,
FSMC_NOE,
EVENTOUT
ADC1_IN15
18 26
E4
35
M5
L4
46
PB0
I/O
FT
-
TIM1_CH2N,
TIM3_CH3,
TIM8_CH2N,
SPI5_SCK/I2S5_CK,
EVENTOUT
ADC1_IN8
Table 10. STM32F413xG/H pin definition (continued)
Pin Number
Pin name
(function
after
reset)(1)
Pin
type
I/O
structure
Notes Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More