Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F413MH Fiches technique(PDF) 185 Page - STMicroelectronics

No de pièce STM32F413MH
Description  ARM-Cortex-M4 32b MCUFPU, 125 DMIPS, up to 1.5MB Flash, 320KB RAM, USB OTG FS, 1 ADC, 2 DACs, 2 DFSDMs
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F413MH Fiches technique(HTML) 185 Page - STMicroelectronics

Back Button STM32F413MH Datasheet HTML 181Page - STMicroelectronics STM32F413MH Datasheet HTML 182Page - STMicroelectronics STM32F413MH Datasheet HTML 183Page - STMicroelectronics STM32F413MH Datasheet HTML 184Page - STMicroelectronics STM32F413MH Datasheet HTML 185Page - STMicroelectronics STM32F413MH Datasheet HTML 186Page - STMicroelectronics STM32F413MH Datasheet HTML 187Page - STMicroelectronics STM32F413MH Datasheet HTML 188Page - STMicroelectronics STM32F413MH Datasheet HTML 189Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 207 page
background image
DocID029162 Rev 2
185/207
STM32F413xG/H
Package information
205
Device marking for LQFP64
The following figure gives an example of topside marking and pin 1 position identifier
location.
Other optional marking or inset/upset marks, which identify the parts throughout supply
chain operations, are not indicated below.
Figure 71. LQFP64 marking example (package top view)
1. Parts marked as “ES”, “E” or accompanied by an Engineering Sample notification letter, are not yet
qualified and therefore not yet ready to be used in production and any consequences deriving from such
usage will not be at ST charge. In no event, ST will be liable for any customer usage of these engineering
samples in production. ST Quality has to be contacted prior to any decision to use these Engineering
Samples to run qualification activity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More