| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F413MH Fiches technique(PDF) 55 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F413MH Fiches technique(HTML) 55 Page - STMicroelectronics |
|
55 / 207 page ![]() DocID029162 Rev 2 55/207 STM32F413xG/H Pinouts and pin description 72 - - J5 40 M8 K7 60 PE9 I/O FT - TIM1_CH1, DFSDM1_CKOUT, QUADSPI_BK2_IO2, FSMC_D6/FSMC_DA6, EVENTOUT - - - - - - H6 61 VSS S - - - - -- - - - G6 62 VDD S - - - - - - G4 41 L8 J7 63 PE10 I/O FT - TIM1_CH2N, DFSDM2_DATIN0, QUADSPI_BK2_IO3, FSMC_D7/FSMC_DA7, EVENTOUT - - - H4 42 M9 H8 64 PE11 I/O FT - TIM1_CH2, DFSDM2_CKIN0, SPI4_NSS/I2S4_WS, SPI5_NSS/I2S5_WS, FSMC_D8/FSMC_DA8, EVENTOUT - - - J4 43 L9 J8 65 PE12 I/O FT - TIM1_CH3N, DFSDM2_DATIN7, SPI4_SCK/I2S4_CK, SPI5_SCK/I2S5_CK, FSMC_D9/FSMC_DA9, EVENTOUT - - - F4 44 M10 K8 66 PE13 I/O FT - TIM1_CH3, DFSDM2_CKIN7, SPI4_MISO, SPI5_MISO, FSMC_D10/FSMC_DA1 0, EVENTOUT - - - G3 45 M11 L8 67 PE14 I/O FT - TIM1_CH4, SPI4_MOSI/I2S4_SD, SPI5_MOSI/I2S5_SD, DFSDM2_DATIN1, FSMC_D11/FSMC_DA1 1, EVENTOUT - - - J3 46 M12 M8 68 PE15 I/O FT - TIM1_BKIN, DFSDM2_CKIN1, FSMC_D12/FSMC_DA1 2, EVENTOUT - Table 10. STM32F413xG/H pin definition (continued) Pin Number Pin name (function after reset)(1) Pin type I/O structure Notes Alternate functions Additional functions |