Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F413XG Fiches technique(PDF) 63 Page - STMicroelectronics

No de pièce STM32F413XG
Description  ARM-Cortex-M4 32b MCUFPU, 125 DMIPS, up to 1.5MB Flash, 320KB RAM, USB OTG FS, 1 ADC, 2 DACs, 2 DFSDMs
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F413XG Fiches technique(HTML) 63 Page - STMicroelectronics

Back Button STM32F413XG Datasheet HTML 59Page - STMicroelectronics STM32F413XG Datasheet HTML 60Page - STMicroelectronics STM32F413XG Datasheet HTML 61Page - STMicroelectronics STM32F413XG Datasheet HTML 62Page - STMicroelectronics STM32F413XG Datasheet HTML 63Page - STMicroelectronics STM32F413XG Datasheet HTML 64Page - STMicroelectronics STM32F413XG Datasheet HTML 65Page - STMicroelectronics STM32F413XG Datasheet HTML 66Page - STMicroelectronics STM32F413XG Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 207 page
background image
DocID029162 Rev 2
63/207
STM32F413xG/H
Pinouts and pin description
72
41 57
A6
91
C5
B6
135
PB5
I/O
FT
-
LPTIM1_IN1,
TIM3_CH2,
I2C1_SMBA,
SPI1_MOSI/I2S1_SD,
SPI3_MOSI/I2S3_SD,
CAN2_RX, SAI1_FS_A,
UART5_RX, SDIO_D3,
EVENTOUT
-
42 58
B6
92
B5
C6
136
PB6
I/O
FT
-
LPTIM1_ETR,
TIM4_CH1, I2C1_SCL,
DFSDM2_CKIN7,
USART1_TX, CAN2_TX,
QUADSPI_BK1_NCS,
UART5_TX, SDIO_D0,
EVENTOUT
-
43 59
B7
93
B4
D6
137
PB7
I/O
FT
-
LPTIM1_IN2,
TIM4_CH2, I2C1_SDA,
DFSDM2_DATIN7,
USART1_RX,
FSMC_NL, EVENTOUT
-
44 60
A7
94
A4
D5
138
BOOT0
I
B
-
-
VPP
45 61 C6
95
A3
C5
139
PB8
I/O
FT
-
LPTIM1_OUT,
TIM4_CH3, TIM10_CH1,
I2C1_SCL,
SPI5_MOSI/I2S5_SD,
DFSDM2_CKIN1,
CAN1_RX, I2C3_SDA,
UART5_RX, SDIO_D4,
EVENTOUT
-
46 62 D6
96
B3
B5
140
PB9
I/O
FT
-
TIM4_CH4, TIM11_CH1,
I2C1_SDA,
SPI2_NSS/I2S2_WS,
DFSDM2_DATIN1,
CAN1_TX, I2C2_SDA,
UART5_TX, SDIO_D5,
EVENTOUT
-
-
-
NC
97
C3
A5
141
PE0
I/O
FT
(2)
TIM4_ETR,
DFSDM2_CKIN4,
UART8_Rx,
FSMC_NBL0,
EVENTOUT
-
-
-
NC
98
A2
A4
142
PE1
I/O
FT
(2)
DFSDM2_DATIN4,
UART8_Tx,
FSMC_NBL1,
EVENTOUT
-
47 63
A8
99
D3
E6
-
VSS
S
-
-
-
-
Table 10. STM32F413xG/H pin definition (continued)
Pin Number
Pin name
(function
after
reset)(1)
Pin
type
I/O
structure
Notes Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More