| Moteur de recherche de fiches techniques de composants électroniques |
|
STGAP1AS Fiches technique(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STGAP1AS Fiches technique(HTML) 28 Page - STMicroelectronics |
|
28 / 70 page ![]() Functional description STGAP1AS 28/70 DocID029344 Rev 2 Some examples of the device behavior when the deadtime feature is enabled are shown from Figure 7 to Figure 10. Figure 7. Synchronous control signal edges Figure 8. Control edges signal overlapped, example 1 Figure 9. Control edges signal overlapped, example 2 Figure 10. Control edges signal not overlapped and outside DT (direct control) When the deadtime function is enabled the STGAP1AS reports a “deadtime violation” fault in case the control unit tries to turn on any of the drivers in one leg during the counting of the programmed DT time. If such event occurs the DT_ERR flag is set high and latched. DT IN- IN+ GON-GOFF DT CONTROL SIGNALS EDGES; SYNCHRONOUS DEAD TIME DT IN- IN+ GATE DT CONTROL SIGNALS EDGES OVERLAPPED; DEAD TIME DT DT IN- IN+ GON-GOFF DEAD TIME DT CONTROL SIGNALS EDGES NOT OVERLAPPED, BUT INSIDE THE DEAD TIME: DT IN- IN+ GON-GOFF DT CONTROL SIGNALS EDGES NOT OVERLAPPED, OUTSIDE THE DEAD TIME: DIRECT DRIVING |