| Moteur de recherche de fiches techniques de composants électroniques |
|
LEDDRL301BK12 Fiches technique(PDF) 3 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
LEDDRL301BK12 Fiches technique(HTML) 3 Page - OSRAM GmbH |
|
3 / 3 page ![]() Logistical Data Product code Product description Packaging unit (Pieces/Unit) Dimensions (length x width x height) Volume Gross weight 4008321781215 LEDDRL301 Folding carton box 1 327 mm x 53 mm x 243 mm 4.21 dm³ 790.00 g 4008321781222 LEDDRL301 Shipping carton box 4 348 mm x 268 mm x 265 mm 24.71 dm³ 3614.00 g 4052899089563 LEDDRL301 Shipping carton box 5 444 mm x 305 mm x 231 mm 31.28 dm³ 4349.00 g The mentioned product code describes the smallest quantity unit which can be ordered. One shipping unit can contain one or more single products. When placing an order, for the quantity please enter single or multiples of a shipping unit. References / Links Guarantee terms are available at www.osram.com/am-guarantee Legal advice ECE E4 approval ECE R87 approval Disclaimer Subject to change without notice. Errors and omission excepted. Always make sure to use the most recent release. Product datasheet __ December 12, 2016, 09:21:10 © 2016, OSRAM GmbH. All rights reserved. LEDDRL301 Page 3 of 3 |