Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1752868-1 Fiches technique(PDF) 2 Page - Tyco Electronics

No de pièce 1752868-1
Description  Hydraulic Crimping Head
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics

1752868-1 Fiches technique(HTML) 2 Page - Tyco Electronics

  1752868-1 Datasheet HTML 1Page - Tyco Electronics 1752868-1 Datasheet HTML 2Page - Tyco Electronics 1752868-1 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
408- 8959
Hydraulic Crimping Head 1752868- 1
Rev B
2
of 3
Tyco Electronics Corporation
1. Back off the self--locking screw in the “C”--head
and set screw in the ram (ram must be advanced
to gain access to the set screw). Refer to Figure 2.
2. Insert the dies in the “C”--head and ram,
ensuring that the flat on each die shank faces the
screw. See Figure 2.
Self--Locking
Screw
Figure 2
Ram Set Screw
Flat on Shank of
Moving Die Faces
Set Screw
Flat on Shank of
Stationary Die
Faces Self--Locking
Screw
3. Tighten the screws.
4. Slowly close the dies to ensure proper
alignment.
5. Complete the cycle and return the ram to the
“down” position.
B. Die Removal
To avoid personal injury, DO NOT accidentally
depress the footswitch or handle control when
installing or removing dies.
Operating the crimping head WITHOUT the dies
installed will damage the “C”--head or ram.
1. Back off the self--locking screw in the “C”--head,
and remove the stationary die.
2. Raise the ram slightly to gain access to the set
screw in the ram.
3. Back off the set screw in the ram, and remove
themovingdie.
4. CRIMPING PROCEDURE
The following procedure provides only general
information concerning crimping. Refer to the
instructions packaged with the die set and power unit
for detailed information.
1. Insert the terminal or splice in the stationary die
according to the instructions packaged with the die
set.
2. Activate the power unit to advance the dies and
hold the terminal or splice in place.
3. Insert the stripped wire into the terminal or
splice.
4. Activate the power unit to complete the crimp.
5. MAINTENANCE AND INSPECTION
Make sure hydraulic pressure is released and
power supply is disconnected before following the
maintenance and inspection procedure, unless
otherwise specified in the procedure.
5.1. Inspection
The crimping head is assembled and inspected
before shipment. It is recommended that the crimping
head be inspected immediately upon arrival at your
facility, and at regularly scheduled intervals, to ensure
that the crimping head has not been damaged during
handling. Frequency of inspection depends upon the
following:
— care, amount of use, and handling of the head
— type and size of products crimped
— degree of operator skill
— environmental conditions
Once a year, or every 7,500 cycles (whichever comes
first), the crimping head should be returned to Tyco
Electronics for magnetic particle inspection.
Additionally, inspect and service the crimping head
every month or 1,000 cycles, whichever comes first.
Inspect the metal surfaces for nicks, cracks,
scratches, and excessive wear, especially where
sliding contact occurs. Inspect for cracks especially at
the corners of the “C“--head and around the top of the
cylinder. Refer to Figure 3.
DANGER
CAUTION
!
DANGER



Html Pages

1 2 3