Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LAN91C111 Fiches technique(PDF) 82 Page - Microchip Technology

No de pièce LAN91C111
Description  10/100 Non-PCI Ethernet Single Chip MAC PHY
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN91C111 Fiches technique(HTML) 82 Page - Microchip Technology

Back Button LAN91C111 Datasheet HTML 78Page - Microchip Technology LAN91C111 Datasheet HTML 79Page - Microchip Technology LAN91C111 Datasheet HTML 80Page - Microchip Technology LAN91C111 Datasheet HTML 81Page - Microchip Technology LAN91C111 Datasheet HTML 82Page - Microchip Technology LAN91C111 Datasheet HTML 83Page - Microchip Technology LAN91C111 Datasheet HTML 84Page - Microchip Technology LAN91C111 Datasheet HTML 85Page - Microchip Technology LAN91C111 Datasheet HTML 86Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 125 page
background image
 2011-2016 Microchip Technology Inc.
DS00002276A-page 83
LAN91C111
FIGURE 10-3:
TX INTR
TX Interrupt With AUTO_RELEASE = FALSE
1. Save the Packet Number Register
Saved_PNR = Read Byte (Bank 2, Offset 2)
2. Read the EPH Status Register
Temp = Read (Bank 0, Offset 2)
3. Acknowledge TX Interrupt
Write Byte (0x02, (Bank 2, Offset C));
4. Check for Status of Transmission
If ( Temp AND 0x0001)
{
//If Successful Transmission
Step 4.1.1: Issue MMU Release (Release Specific Packet)
Write (0x00A0, (Bank2, Offset 0));
Step 4.1.2: Return from the routine
}
else
{
//Transmission has FAILED
// Now we can either release or re-enqueue the packet
Step 4.2.1: Get the packet to release/re-enqueue, stored in FIFO
Temp = Read (Bank 2, Offset 4)
Temp = Temp & 0x003F
Step 4.2.2: Write to the PNR
Write (Temp, (Bank2, Offset 2))
Step 4.2.3
// Option 1: Release the packet
Write (0x00A0, (Bank2, Offset 0));
//Option 2: Re-Enqueue the packet
Write (0x00C0, (Bank2, Offset 0));
Step 4.2.4: Re-Enable Transmission
Temp = Read(Bank0, Offset 0);
Temp = Temp2 OR 0x0001
Write (Temp2, (Bank 0, Offset 0));
Step 4.2.5: Return from the routine
}
5. Restore the Packet Number Register
Write Byte (Saved_PNR, (Bank 2, Offset 2))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More