| Moteur de recherche de fiches techniques de composants électroniques |
|
LAN8740Ai-EN Fiches technique(PDF) 6 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
LAN8740Ai-EN Fiches technique(HTML) 6 Page - Microchip Technology |
|
6 / 136 page ![]() LAN8740A/LAN8740Ai DS00001987A-page 6 2013-2015 Microchip Technology Inc. 2.0 PIN DESCRIPTION AND CONFIGURATION FIGURE 2-1: 32-VQFN PIN ASSIGNMENTS (TOP VIEW) Note: When a lower case “n” is used at the beginning of the signal name, it indicates that the signal is active low. For example, nRST indicates that the reset signal is active low. Note: The buffer type for each signal is indicated in the BUFFER TYPE column. A description of the buffer types is provided in Section 2.2. Note: Exposed pad (VSS) on bottom of package must be connected to ground. 1 2 3 4 5 6 7 8 24 23 22 21 20 19 18 17 RXD3/PHYAD2 RXCLK/PHYAD1 VDDCR XTAL1/CLKIN XTAL2 LED1/nINT/nPME/REGOFF LED2/nINT/nPME/nINTSEL VDD2A TXD2 TXD1 TXD0 TXEN TXCLK nRST nINT/TXER/TXD4 MDC L A N 8740A / L A N 8740A i |