Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LAN9115 Fiches technique(PDF) 19 Page - Microchip Technology

No de pièce LAN9115
Description  Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9115 Fiches technique(HTML) 19 Page - Microchip Technology

Back Button LAN9115 Datasheet HTML 15Page - Microchip Technology LAN9115 Datasheet HTML 16Page - Microchip Technology LAN9115 Datasheet HTML 17Page - Microchip Technology LAN9115 Datasheet HTML 18Page - Microchip Technology LAN9115 Datasheet HTML 19Page - Microchip Technology LAN9115 Datasheet HTML 20Page - Microchip Technology LAN9115 Datasheet HTML 21Page - Microchip Technology LAN9115 Datasheet HTML 22Page - Microchip Technology LAN9115 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 114 page
background image
 2005-2016 Microchip Technology Inc.
DS00002269A-page 19
LAN9115
The MAC Function recognizes transmitted and received frames tagged with either one-level or two-level VLAN IDs. The
MAC compares the thirteenth and fourteenth bytes of transmit and receive frames to the contents of both the one-level
VLAN tag register and the two-level VLAN tag register. If a match is found, the MAC Function identifies the frame as
either a one- or two-level VLAN frame, depending on where the match was found. Upon recognizing that a frame has
a VLAN tag, counter thresholds are adjusted to account for the extra bytes that the VLAN tag adds to the frame. The
maximum length of the good packet is thus changed from 1518 bytes to 1522 bytes.
FIGURE 3-2:
VLAN FRAME



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More