Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UCS1001 Fiches technique(PDF) 48 Page - Microchip Technology

No de pièce UCS1001
Description  USB Port Power Controller with Charger Emulation
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1001 Fiches technique(HTML) 48 Page - Microchip Technology

Back Button UCS1001 Datasheet HTML 44Page - Microchip Technology UCS1001 Datasheet HTML 45Page - Microchip Technology UCS1001 Datasheet HTML 46Page - Microchip Technology UCS1001 Datasheet HTML 47Page - Microchip Technology UCS1001 Datasheet HTML 48Page - Microchip Technology UCS1001 Datasheet HTML 49Page - Microchip Technology UCS1001 Datasheet HTML 50Page - Microchip Technology UCS1001 Datasheet HTML 51Page - Microchip Technology UCS1001 Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 59 page
background image
USB Port Power Controller with Charger Emulation
Datasheet
Revision 1.2 (05-21-12)
48
SMSC UCS1001
DATASHEET
8.10.5
Legacy 7 Charger Emulation Profile
The Legacy 7 charger emulation profile does the following:
1. The UCS1001 will apply a voltage on the DPOUT pin using a voltage divider between VBUS and
ground with the center tap on the DPOUT pin.
2. VBUS voltage is applied.
3. If the portable device is charging, the UCS1001 will accept that Legacy 7 is the correct charger
emulation profile for the attached portable device. The voltage applied to the DPOUT pin will
remain in place. The UCS1001 will begin operating in trip mode
4. If the portable device is not charging, the UCS1001 will stop the Legacy 7 charger emulation profile.
This will cause the voltage put onto the DPOUT pin to be removed. Emulation reset occurs, and
the UCS1001 will initiate the next charger emulation profile.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59