| Moteur de recherche de fiches techniques de composants électroniques |
|
UCS1002-1 Fiches technique(PDF) 111 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
UCS1002-1 Fiches technique(HTML) 111 Page - Microchip Technology |
|
111 / 116 page ![]() Programmable USB Port Power Controller with Charger Emulation Datasheet SMSC UCS1002 111 Revision 1.4 (07-16-13) DATASHEET Chapter 13 References For additional information, the following documents are available from your SMSC representative. Application Note 24.14 Fundamentals of Custom Charger Emulation Application Note 24.20 Using the UCS100x or UCS8100x as a Single or Dual Mode Charger Application Note 25.0 UCS1002 Highest Current Algorithm Using an MCU Application Note 25.4 UCS1002 Advanced Custom Charging Application Note 25.5 UCS1002 Smart Battery Charger Hardware Reference Design Application Note 25.7 UCS1002 Charge Rationing Application Note 25.16 USB Charging Port ESD Protection Tips for UCS100x Application Note 26.1 - UCS1002 Current Limit Operation and Features UCS1002 FAQs (frequently asked questions) UCS1002-1 Reference Design UCS1001 / UCS1002 Production Test Method Charger Test Report |