Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UCS1002-1 Fiches technique(PDF) 33 Page - Microchip Technology

No de pièce UCS1002-1
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-1 Fiches technique(HTML) 33 Page - Microchip Technology

Back Button UCS1002-1 Datasheet HTML 29Page - Microchip Technology UCS1002-1 Datasheet HTML 30Page - Microchip Technology UCS1002-1 Datasheet HTML 31Page - Microchip Technology UCS1002-1 Datasheet HTML 32Page - Microchip Technology UCS1002-1 Datasheet HTML 33Page - Microchip Technology UCS1002-1 Datasheet HTML 34Page - Microchip Technology UCS1002-1 Datasheet HTML 35Page - Microchip Technology UCS1002-1 Datasheet HTML 36Page - Microchip Technology UCS1002-1 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 116 page
background image
Programmable USB Port Power Controller with Charger Emulation
Datasheet
SMSC UCS1002
33
Revision 1.4 (07-16-13)
DATASHEET
In the Stand-alone operating mode, communications from and to the UCS1002 are limited to the
PWR_EN, EM_EN, M2, M1, ALERT#, and A_DET# pins.
Table 4.10 Stand-alone Fault and Attach Detection Selection
LATCH PIN
S0 PIN
COMMAND
Low
Low
No Attach Detection. Auto-recovery upon error detection.
Low
High
Attach Detection in the Detect power state. Auto-recovery upon error detection.
High
Low
No Attach Detection. Error states are Latched and require host to change
PWR_EN control to recover from Error state.
High
High
Attach Detection in the Detect power state. Error states are Latched and
require host to change PWR_EN control to recover from Error state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More