Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UCS1002-1 Fiches technique(PDF) 104 Page - Microchip Technology

No de pièce UCS1002-1
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-1 Fiches technique(HTML) 104 Page - Microchip Technology

Back Button UCS1002-1 Datasheet HTML 100Page - Microchip Technology UCS1002-1 Datasheet HTML 101Page - Microchip Technology UCS1002-1 Datasheet HTML 102Page - Microchip Technology UCS1002-1 Datasheet HTML 103Page - Microchip Technology UCS1002-1 Datasheet HTML 104Page - Microchip Technology UCS1002-1 Datasheet HTML 105Page - Microchip Technology UCS1002-1 Datasheet HTML 106Page - Microchip Technology UCS1002-1 Datasheet HTML 107Page - Microchip Technology UCS1002-1 Datasheet HTML 108Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 116 page
background image
Programmable USB Port Power Controller with Charger Emulation
Datasheet
Revision 1.4 (07-16-13)
104
SMSC UCS1002
DATASHEET
10.16 Manufacturer ID Register
The Manufacturer ID register stores a unique 8-bit value that identifies SMSC.
10.17 Revision Register
The Revision register stores an 8-bit value that represents the part revision.
Table 10.42 Manufacturer ID Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
FEh
R
Manufacturer
ID
01011101
5Dh
Table 10.43 Revision Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
FFh
R
Revision
10000010
82h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More