Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

USB2524 Fiches technique(PDF) 5 Page - Microchip Technology

No de pièce USB2524
Description  USB MultiSwitch Hub
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2524 Fiches technique(HTML) 5 Page - Microchip Technology

  USB2524 Datasheet HTML 1Page - Microchip Technology USB2524 Datasheet HTML 2Page - Microchip Technology USB2524 Datasheet HTML 3Page - Microchip Technology USB2524 Datasheet HTML 4Page - Microchip Technology USB2524 Datasheet HTML 5Page - Microchip Technology USB2524 Datasheet HTML 6Page - Microchip Technology USB2524 Datasheet HTML 7Page - Microchip Technology USB2524 Datasheet HTML 8Page - Microchip Technology USB2524 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 58 page
background image
 2013 - 2016 Microchip Technology Inc.
DS00001588B-page 5
USB2524
• Selection of end-user method of switching ports between hosts
- Embedded Mode: 8 default configurations that are controlled by OEM programmable registers (or Internal
default settings).
- Peripheral Mode: Each wire directly controls one of the 4 downstream ports. The interface is selectable
between edge triggered operation or level triggered operation for compatibility with many different mechanical
switch configurations or direct control from an external Microcontroller’s GPIO pins.
• Enablement of String Descriptor Support, along with the capability to customize each of the 3 different string
descriptors (up to a maximum size of 31 characters each)
• Selection of LED Mode: USB Mode, Host Ownership Mode, or Host Ownership Mode with Speed Indication.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58