Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

USB5734-I/MR Fiches technique(PDF) 8 Page - Microchip Technology

No de pièce USB5734-I/MR
Description  4-Port SS/HS USB Controller Hub
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5734-I/MR Fiches technique(HTML) 8 Page - Microchip Technology

Back Button USB5734-I/MR Datasheet HTML 4Page - Microchip Technology USB5734-I/MR Datasheet HTML 5Page - Microchip Technology USB5734-I/MR Datasheet HTML 6Page - Microchip Technology USB5734-I/MR Datasheet HTML 7Page - Microchip Technology USB5734-I/MR Datasheet HTML 8Page - Microchip Technology USB5734-I/MR Datasheet HTML 9Page - Microchip Technology USB5734-I/MR Datasheet HTML 10Page - Microchip Technology USB5734-I/MR Datasheet HTML 11Page - Microchip Technology USB5734-I/MR Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 61 page
background image
USB5734
DS00001854D-page 8
 2015-2016 Microchip Technology Inc.
3.0
PIN DESCRIPTION AND CONFIGURATION
3.1
Pin Assignments
Note 1:
Configuration straps are identified by an underlined symbol name. Signals that function as configurations
traps must be augmented with an external resistor when connected to a load. Refer to Section 3.4, "Config-
uration Straps and Programmable Functions" for additional information.
FIGURE 3-1:
64-VQFN PIN ASSIGNMENTS
Note: Exposed pad (VSS) on bottom of package must be connected to ground with a via field.
(Connect exposed pad to ground with a via field)
VSS
USB5734
64-VQFN
( Top View)
5
6
7
8
9
10
11
12
44
43
42
41
40
39
38
37
USB3DN_RXDM1
USB3DN_RXDP1
USB2DN_DP2/PRT_DIS_P2
USB2DN_DM2/PRT_DIS_M2
USB3DN_TXDP2
USB3DN_TXDM2
VDD12
USB3DN_RXDP2
PROG_FUNC4
SPI_CE_N/GPIO7/CFG_NON_REM
SPI_DO/UART_TX/GPIO5/I2C_SLV_CFG1
PRT_CTL1
PRT_CTL3
VDD12
SPI_CLK/UART_RX/GPIO4/I2C_SLV_CFG0
SPI_DI/GPIO9/CFG_BC_EN
3
4
13
14
36
35
46
45
VDD12
USB3DN_TXDM1
USB3DN_TXDP1
USB2DN_DM1/PRT_DIS_M1
VBUS_DET/GPIO16
PROG_FUNC3
PROG_FUNC2
PRT_CTL2
1
2
USB2DN_DP1/PRT_DIS_P1
CFG_STRAP
16
15
PROG_FUNC7
USB3DN_RXDM2
34
33
VDD33
PRT_CTL4/GANG_PWR
48
PROG_FUNC5
47
RESET_N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61