| Moteur de recherche de fiches techniques de composants électroniques |
|
USB5734/MR Fiches technique(PDF) 8 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB5734/MR Fiches technique(HTML) 8 Page - Microchip Technology |
|
8 / 61 page ![]() USB5734 DS00001854D-page 8 2015-2016 Microchip Technology Inc. 3.0 PIN DESCRIPTION AND CONFIGURATION 3.1 Pin Assignments Note 1: Configuration straps are identified by an underlined symbol name. Signals that function as configurations traps must be augmented with an external resistor when connected to a load. Refer to Section 3.4, "Config- uration Straps and Programmable Functions" for additional information. FIGURE 3-1: 64-VQFN PIN ASSIGNMENTS Note: Exposed pad (VSS) on bottom of package must be connected to ground with a via field. (Connect exposed pad to ground with a via field) VSS USB5734 64-VQFN ( Top View) 5 6 7 8 9 10 11 12 44 43 42 41 40 39 38 37 USB3DN_RXDM1 USB3DN_RXDP1 USB2DN_DP2/PRT_DIS_P2 USB2DN_DM2/PRT_DIS_M2 USB3DN_TXDP2 USB3DN_TXDM2 VDD12 USB3DN_RXDP2 PROG_FUNC4 SPI_CE_N/GPIO7/CFG_NON_REM SPI_DO/UART_TX/GPIO5/I2C_SLV_CFG1 PRT_CTL1 PRT_CTL3 VDD12 SPI_CLK/UART_RX/GPIO4/I2C_SLV_CFG0 SPI_DI/GPIO9/CFG_BC_EN 3 4 13 14 36 35 46 45 VDD12 USB3DN_TXDM1 USB3DN_TXDP1 USB2DN_DM1/PRT_DIS_M1 VBUS_DET/GPIO16 PROG_FUNC3 PROG_FUNC2 PRT_CTL2 1 2 USB2DN_DP1/PRT_DIS_P1 CFG_STRAP 16 15 PROG_FUNC7 USB3DN_RXDM2 34 33 VDD33 PRT_CTL4/GANG_PWR 48 PROG_FUNC5 47 RESET_N |