Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HMM5232B Fiches technique(PDF) 1 Page - Hi-Sincerity Mocroelectronics

No de pièce HMM5232B
Description  ZENER DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HSMC [Hi-Sincerity Mocroelectronics]
Site Internet  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HMM5232B Fiches technique(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  HMM5232B Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HMM5232B Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HMM5232B Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : Preliminary Data
Issued Date : 1999.05.01
Revised Date : 2001.06.01
Page No. : 1/3
HMM52XXB Series
HSMC Product Specification
HMM52 Series
ZENER DIODES
Maximum Zener
Impedance
Maximum Reverse
Leakage Current
Device
Type
Nominal
Zener
Voltage
V
z at Izt*
(V)
Test
Current
I
zT (mA)
Z
zT at
I
zT
(
Ω)
Z
zk at
I
zk=0.25mA
(
Ω)
Typical
Temperature
Coefficient
(%/
°C)
I
R
(uA)
Test-Voltage
suffix B (V)
Maximum
Regulator
Current
I
zM (mA)
HMM5221B
2.4
20
30
1200
-0.085
100
1.0
191
HMM5222B
2.5
20
30
1250
-0.085
100
1.0
182
HMM5223B
2.7
20
30
1300
-0.080
75
1.0
168
HMM5224B
2.8
20
30
1400
-0.080
75
1.0
162
HMM5225B
3.0
20
29
1600
-0.075
50
1.0
151
HMM5226B
3.3
20
28
1600
-0.070
25
1.0
138
HMM5227B
3.6
20
24
1700
-0.065
15
1.0
126
HMM5228B
3.9
20
23
1900
-0.060
10
1.0
115
HMM5229B
4.3
20
22
2000
+0.055
5
1.0
106
HMM5230B
4.7
20
19
1900
+0.030
5
1.0
97
HMM5231B
5.1
20
17
1600
+0.030
5
2.0
89
HMM5232B
5.6
20
17
1600
+0.038
5
3.0
81
HMM5233B
6.0
20
7
1600
+0.038
5
3.5
76
HMM5234B
6.2
20
7
1000
+0.045
5
4.0
73
HMM5235B
6.8
20
5
750
+0.050
3
5.0
67
HMM5236B
7.5
20
6
500
+0.058
3
6.0
61
HMM5237B
8.2
20
8
500
+0.062
3
6.5
55
HMM5238B
8.7
20
8
600
+0.065
3
6.5
52
HMM5239B
9.1
20
10
600
+0.068
3
7.0
50
HMM5240B
10
20
17
600
+0.075
3
8.0
45
HMM5241B
11
20
22
600
+0.076
2
8.4
41
HMM5242B
12
20
30
600
+0.077
1
9.1
38
HMM5243B
13
9.5
13
600
+0.079
0.5
9.9
35
HMM5244B
14
9.0
15
600
+0.082
0.1
10
32
HMM5245B
15
8.5
16
600
+0.082
0.1
11
30
HMM5246B
16
7.8
17
600
+0.083
0.1
12
28
HMM5247B
17
7.4
19
600
+0.084
0.1
13
27
HMM5248B
18
7.0
21
600
+0.085
0.1
14
25
HMM5249B
19
6.6
23
600
+0.086
0.1
14
24
HMM5250B
20
6.2
25
600
+0.086
0.1
15
23
HMM5251B
22
5.6
29
600
+0.087
0.1
17
21.2
HMM5252B
24
5.2
33
600
+0.087
0.1
18
19.1
HMM5253B
25
5.0
35
600
+0.089
0.1
19
18.2
HMM5254B
27
4.6
41
600
+0.090
0.1
21
16.8
HMM5255B
28
4.5
44
600
+0.091
0.1
21
16.2
HMM5256B
30
4.2
49
600
+0.091
0.1
23
15.1
HMM5257B
33
3.8
58
700
+0.092
0.1
25
13.8
HMM5258B
36
3.4
70
700
+0.093
0.1
27
12.6
HMM5259B
39
3.2
80
800
+0.094
0.1
30
11.5


Numéro de pièce similaire - HMM5232B

FabricantNo de pièceFiches techniqueDescription
logo
Hi-Sincerity Mocroelect...
HMM55C HSMC-HMM55C Datasheet
30Kb / 3P
ZENER DIODES
HMM55C10 HSMC-HMM55C10 Datasheet
30Kb / 3P
ZENER DIODES
HMM55C11 HSMC-HMM55C11 Datasheet
30Kb / 3P
ZENER DIODES
HMM55C12 HSMC-HMM55C12 Datasheet
30Kb / 3P
ZENER DIODES
HMM55C13 HSMC-HMM55C13 Datasheet
30Kb / 3P
ZENER DIODES
More results

Description similaire - HMM5232B

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
ZENER DIODES DIODES ZENER
logo
EIC discrete Semiconduc...
1N4728CG EIC-1N4728CG Datasheet
33Kb / 2P
ZENER DIODES
HZ6L EIC-HZ6L Datasheet
30Kb / 2P
ZENER DIODES
logo
Fairchild Semiconductor
FLZ2V2_0609 FAIRCHILD-FLZ2V2_0609 Datasheet
625Kb / 8P
Zener Diodes
logo
Galaxy Semi-Conductor H...
BZG03C BILIN-BZG03C Datasheet
106Kb / 3P
ZENER DIODES
DL4728 BILIN-DL4728 Datasheet
195Kb / 3P
ZENER DIODES
BZY97 BILIN-BZY97 Datasheet
239Kb / 5P
ZENER DIODES
U1ZB6.8 BILIN-U1ZB6.8 Datasheet
155Kb / 3P
ZENER DIODES
logo
GOOD-ARK Electronics
ZPD1 GOOD-ARK-ZPD1 Datasheet
414Kb / 9P
Zener Diodes
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
ZENER DIODES Diodes
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com