Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HBZX55C22 Fiches technique(PDF) 2 Page - Hi-Sincerity Mocroelectronics

No de pièce HBZX55C22
Description  ZENER DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HSMC [Hi-Sincerity Mocroelectronics]
Site Internet  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HBZX55C22 Fiches technique(HTML) 2 Page - Hi-Sincerity Mocroelectronics

  HBZX55C22 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HBZX55C22 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HBZX55C22 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : Preliminary Data
Issued Date : 1999.05.01
Revised Date : 1999.09.01
Page No. : 2/3
HSMC Product Specification
Absolute Maximum Ratings
Characteristics
Symbol
Value
Unit
Zener Current see Table “Characteristics”
Power Dissipation at Tamb=25
°C
Ptot
500*
mW
Junction Temperature
Tj
175
°C
Storage Temperature Range
Ts
-65 to +175
°C
*Valid provided that leads are kept at ambient temperature at a distance of 8mm from case.
Characteristics ( Tamb=25
°C)
Characteristics
Symbol
Min
Typ
Max
Unit
Thermal Resistance Junction to Ambient Air
RthA
-
-
0.3* K/mW
Forward Voltage at IF=100mA
VF
-
-
1
V
*Valid provided that leads at a distance of 10mm from case are kept at ambient temperature.
Characteristics Curve



Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com