Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

T89C51RC2-RLSIM Fiches technique(PDF) 3 Page - ATMEL Corporation

No de pièce T89C51RC2-RLSIM
Description  8-bit Microcontroller with 16 Kbytes/ 32 Kbytes FLASH
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51RC2-RLSIM Fiches technique(HTML) 3 Page - ATMEL Corporation

  T89C51RC2-RLSIM Datasheet HTML 1Page - ATMEL Corporation T89C51RC2-RLSIM Datasheet HTML 2Page - ATMEL Corporation T89C51RC2-RLSIM Datasheet HTML 3Page - ATMEL Corporation T89C51RC2-RLSIM Datasheet HTML 4Page - ATMEL Corporation T89C51RC2-RLSIM Datasheet HTML 5Page - ATMEL Corporation T89C51RC2-RLSIM Datasheet HTML 6Page - ATMEL Corporation T89C51RC2-RLSIM Datasheet HTML 7Page - ATMEL Corporation T89C51RC2-RLSIM Datasheet HTML 8Page - ATMEL Corporation T89C51RC2-RLSIM Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Rev. B - 30-Mar-01
3
Preliminary
T89C51RB2/RC2
4. SFR Mapping
The Special Function Registers (SFRs) of the T89C51RB2/RC2 fall into the following categories:
• C51 core registers: ACC, B, DPH, DPL, PSW, SP
• I/O port registers: P0, P1, P2, P3
• Timer registers: T2CON, T2MOD, TCON, TH0, TH1, TH2, TMOD, TL0, TL1, TL2, RCAP2L, RCAP2H
• Serial I/O port registers: SADDR, SADEN, SBUF, SCON
• PCA ( Programmable Counter Array ) registers : CCON , CCAPMx , CL , CH , CCAPxH , CCAPxL (x : 0 to 4)
• Power and clock control registers: PCON
• Hardware Watchdog Timer registers : WDTRST, WDTPRG
• Interrupt system registers: IE0, IPL0, IPH0 , IE1 , IPL1 , IPH1
• Keyboard Interface registers : KBE , KBF , KBLS
• SPI registers : SPCON , SPSTR , SPDAT
• BRG ( Baud Rate Generator ) registers : BRL , BDRCON
• Flash register : FCON
• Clock Prescaler register : CKRL
• Others: AUXR, AUXR1 , CKCON0 , CKCON1



Html Pages

1 2 3 4 5 6 7 8 9