| Moteur de recherche de fiches techniques de composants électroniques |
|
VDP3108 Fiches technique(PDF) 51 Page - Micronas |
|
|
|||||||||||||||||||||||||||||
VDP3108 Fiches technique(HTML) 51 Page - Micronas |
|
51 / 61 page ![]() ADVANCE INFORMATION VDP 3108 MICRONAS INTERMETALL 51 Symbol Parameter Pin No. Min. Typ. Max. Unit Test Conditions Brightness–DACs Resolution 9 bits IBR Full Scale Output Current ROUT, GOUT 39.2 40 40.8 % ref to max. digital RGB IBR Full Scale Output Current typical GOUT, BOUT 1.5 mApp IBR differential nonlinearity 0.5 LSB IBR integral nonlinearity 1 LSB IBR Match R–G, R–B, G–B –2 2 % IBR Match to digital RGB R–R, G–G, B–B –2 2 % Cutoff–DACs Resolution 9 bits ICUT Full Scale Output Current ROUT, GOUT 58.8 60 61.2 % ref to max. digital RGB ICUT Full Scale Output Current typical GOUT, BOUT 2.25 mApp ICUT differential nonlinearity 0.5 LSB ICUT integral nonlinearity 1 LSB ICUT Match to digital RGB R–R, G–G, B–B –2 2 % Ultrablack–DACs Resolution 1 bits IUB Full Scale Output Current ROUT, GOUT 19.6 20 20.4 % ref to max. digital RGB Full Scale Output Current typical GOUT, BOUT 0.75 mA Match to digital RGB R–R, G–G, B–B –2 2 % |