Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS111C008/883C Fiches technique(PDF) 4 Page - Micross Components

No de pièce AS111C008/883C
Description  Operates from single 5V supply
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSS [Micross Components]
Site Internet  http://www.micross.com
Logo MICROSS - Micross Components

AS111C008/883C Fiches technique(HTML) 4 Page - Micross Components

  AS111C008/883C Datasheet HTML 1Page - Micross Components AS111C008/883C Datasheet HTML 2Page - Micross Components AS111C008/883C Datasheet HTML 3Page - Micross Components AS111C008/883C Datasheet HTML 4Page - Micross Components AS111C008/883C Datasheet HTML 5Page - Micross Components AS111C008/883C Datasheet HTML 6Page - Micross Components AS111C008/883C Datasheet HTML 7Page - Micross Components AS111C008/883C Datasheet HTML 8Page - Micross Components AS111C008/883C Datasheet HTML 9Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Voltage
Comparator
AS111
Micross Components reserves the right to change products or specifications without notice.
4
AS111
Rev. 1.7 01/10
ELECTRICAL CHARACTERISTICS6
Note 6: These specifications apply for VS=±15V and Ground pin at ground, and -55°C < T
A < +125°C, unless otherwise
stated. The offset voltage, offset current and bias current specifications apply for any supply voltage from a single 5V supply
up to ±15V supplies.
Note 7: The offset voltages and offset currents given are the maximum values required to drive the output within a volt of
either supply with a 1mA load. Thus, these parameters define an error band and take into account the worst-case effects of
voltage gain and R
S.
Note 8: The response time specified (see definitions) is for a 100 mV input step with 5 mV overdrive.
Note 9: This specification gives the range of current which must be drawn from the strobe pin to ensure the output is properly
disabled. Do not short the strobe pin to ground; it should be current driven at 3 to 5 mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21