Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS111 Fiches technique(PDF) 21 Page - Micross Components

No de pièce AS111
Description  Operates from single 5V supply
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSS [Micross Components]
Site Internet  http://www.micross.com
Logo MICROSS - Micross Components

AS111 Fiches technique(HTML) 21 Page - Micross Components

Back Button AS111 Datasheet HTML 13Page - Micross Components AS111 Datasheet HTML 14Page - Micross Components AS111 Datasheet HTML 15Page - Micross Components AS111 Datasheet HTML 16Page - Micross Components AS111 Datasheet HTML 17Page - Micross Components AS111 Datasheet HTML 18Page - Micross Components AS111 Datasheet HTML 19Page - Micross Components AS111 Datasheet HTML 20Page - Micross Components AS111 Datasheet HTML 21Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
Voltage
Comparator
AS111
Micross Components reserves the right to change products or specifications without notice.
21
AS111
Rev. 1.7 01/10
MICROSS TO DSCC PART NUMBER
CROSS REFERENCE
* Micross part number is for reference only. Orders received referencing the SMD part number will be processed per the SMD.
MICROSS PART NUMBER
DSCC PART NUMBER
AS111C008/883C
5962-8687701PA
AS111E020/883C
5926-86877012A
AS111TO08/883C
5962-8687701GA
AS111C008/883C
M38510/10304BPA
AS111E020/883C
M38510/10304B2A
AS111TO08/883C
M38510/10304BGA
AS111C014/883C
M38510/10304BCA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21