Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SAP51D-A-G1-R Fiches technique(PDF) 7 Page - Integrated Device Technology

No de pièce SAP51D-A-G1-R
Description  AS-Interface Spec. V3.0 Compliant Universal AS-i IC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IDT [Integrated Device Technology]
Site Internet  http://www.idt.com
Logo IDT - Integrated Device Technology

SAP51D-A-G1-R Fiches technique(HTML) 7 Page - Integrated Device Technology

Back Button SAP51D-A-G1-R Datasheet HTML 3Page - Integrated Device Technology SAP51D-A-G1-R Datasheet HTML 4Page - Integrated Device Technology SAP51D-A-G1-R Datasheet HTML 5Page - Integrated Device Technology SAP51D-A-G1-R Datasheet HTML 6Page - Integrated Device Technology SAP51D-A-G1-R Datasheet HTML 7Page - Integrated Device Technology SAP51D-A-G1-R Datasheet HTML 8Page - Integrated Device Technology SAP51D-A-G1-R Datasheet HTML 9Page - Integrated Device Technology SAP51D-A-G1-R Datasheet HTML 10Page - Integrated Device Technology SAP51D-A-G1-R Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 66 page
background image
SAP51 / SAP5S Datasheet
© 2016 Integrated Device Technology, Inc.
7
January 28, 2016
1
Please Read this First
1.1.
Important Notice
Important Safety Notice: This IDT product is intended for use in commercial applications.
Applications requiring extended temperature range, unusual environmental requirements, or
high reliability applications, such as military, medical life-support, or life-sustaining equipment,
are specifically not recommended without additional mutually agreed upon processing by IDT
for such applications.
1.2.
Silicon Revision History
Revision Date
Technical Changes
Affected Page in Datasheet
B
September 2005
First marketed silicon version.
C
March 2007
Modified IIL – current range for input low level.
Table 5.5 on Page 28
C
March 2007
Modified Delay Mode activation through parameter port P1.
Page 33
C
March 2007
Modified Synchronous Data I/O Mode activation through
parameter port P2.
Page 35
C
March 2007
Modified Watchdog activation through parameter port P0.
Page 46
C
March 2007
Improved burst protection filter and improved ESD behavior.
D
August 2012
UART design corrections for End_Bit transmission error
detection.
Improved AS-i telegram pause detection.
!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66