Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SAP5SD-A-G1-R Fiches technique(PDF) 49 Page - Integrated Device Technology

No de pièce SAP5SD-A-G1-R
Description  AS-Interface Spec. V3.0 Compliant Universal AS-i IC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IDT [Integrated Device Technology]
Site Internet  http://www.idt.com
Logo IDT - Integrated Device Technology

SAP5SD-A-G1-R Fiches technique(HTML) 49 Page - Integrated Device Technology

Back Button SAP5SD-A-G1-R Datasheet HTML 45Page - Integrated Device Technology SAP5SD-A-G1-R Datasheet HTML 46Page - Integrated Device Technology SAP5SD-A-G1-R Datasheet HTML 47Page - Integrated Device Technology SAP5SD-A-G1-R Datasheet HTML 48Page - Integrated Device Technology SAP5SD-A-G1-R Datasheet HTML 49Page - Integrated Device Technology SAP5SD-A-G1-R Datasheet HTML 50Page - Integrated Device Technology SAP5SD-A-G1-R Datasheet HTML 51Page - Integrated Device Technology SAP5SD-A-G1-R Datasheet HTML 52Page - Integrated Device Technology SAP5SD-A-G1-R Datasheet HTML 53Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 66 page
background image
SAP51 / SAP5S Datasheet
© 2016 Integrated Device Technology, Inc.
49
January 28, 2016
Figure 5.7
Safety Mode Data Processing
D2*
F-D2*
D0*
Inverting,
Offset1,
Delay
Inverting,
Offset2,
Delay
F-D0*
swap_flag
I2
AS-interface
communication
I0
I3
I1
D1*
D3*
Offset2
F-D3*
Offset1
SAP5
F-D1*
Information stored in the EEPROM
The special input ports F-D0* and F-D2* act as 3-level-input pins in Safety Mode. In order to ensure proper
decoding of input data, the voltages must satisfy requirements as specified in below Figure 5.8 and in Table 5.5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66