Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AT9933LG-G Fiches technique(PDF) 11 Page - Microchip Technology

No de pièce AT9933LG-G
Description  Hysteretic Boost-Buck (훴uk) LED Driver IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT9933LG-G Fiches technique(HTML) 11 Page - Microchip Technology

Back Button AT9933LG-G Datasheet HTML 7Page - Microchip Technology AT9933LG-G Datasheet HTML 8Page - Microchip Technology AT9933LG-G Datasheet HTML 9Page - Microchip Technology AT9933LG-G Datasheet HTML 10Page - Microchip Technology AT9933LG-G Datasheet HTML 11Page - Microchip Technology AT9933LG-G Datasheet HTML 12Page - Microchip Technology AT9933LG-G Datasheet HTML 13Page - Microchip Technology AT9933LG-G Datasheet HTML 14Page - Microchip Technology AT9933LG-G Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
 2016 Microchip Technology Inc.
DS20005597A-page 11
AT9933
5.0
PACKAGING INFORMATION
5.1
Package Marking Information
Legend: XX...X
Product Code or Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC® designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for product code or customer-specific information. Package may or
not include the corporate logo.
3
e
3
e
8-lead SOIC
Example
NNN
XXXXXXXX
YYWW
e3
222
AT9933LG
1645
e3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16