Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PL130-07OC Fiches technique(PDF) 9 Page - Microchip Technology

No de pièce PL130-07OC
Description  High Speed Translator Buffer to LVCMOS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PL130-07OC Fiches technique(HTML) 9 Page - Microchip Technology

Back Button PL130-07OC Datasheet HTML 5Page - Microchip Technology PL130-07OC Datasheet HTML 6Page - Microchip Technology PL130-07OC Datasheet HTML 7Page - Microchip Technology PL130-07OC Datasheet HTML 8Page - Microchip Technology PL130-07OC Datasheet HTML 9Page - Microchip Technology PL130-07OC Datasheet HTML 10Page - Microchip Technology PL130-07OC Datasheet HTML 11Page - Microchip Technology PL130-07OC Datasheet HTML 12Page - Microchip Technology PL130-07OC Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
 2016 Microchip Technology Inc.
DS20005598A-page 9
PL130-07
16-Lead QFN 3 mm x 3 mm Package Outline and Recommended Land Pattern
Note:
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16