Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SST25WF040B Fiches technique(PDF) 29 Page - Microchip Technology

No de pièce SST25WF040B
Description  4 Mbit 1.8V SPI Serial Flash
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25WF040B Fiches technique(HTML) 29 Page - Microchip Technology

Back Button SST25WF040B Datasheet HTML 25Page - Microchip Technology SST25WF040B Datasheet HTML 26Page - Microchip Technology SST25WF040B Datasheet HTML 27Page - Microchip Technology SST25WF040B Datasheet HTML 28Page - Microchip Technology SST25WF040B Datasheet HTML 29Page - Microchip Technology SST25WF040B Datasheet HTML 30Page - Microchip Technology SST25WF040B Datasheet HTML 31Page - Microchip Technology SST25WF040B Datasheet HTML 32Page - Microchip Technology SST25WF040B Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
 2014 Microchip Technology Inc.
DS20005193C-page 29
SST25WF040B
FIGURE 6-10:
CHIP-ERASE FLOW CHART
20005193 F44.1
06H
Yes
No
Start
60H/C7H
05H
Start Erase on rising
edge of CE#
Busy (Bit 0) = ‘0’?
End of
Erase
Write Enable
Chip-Erase
Status Register
Read command
Check Erase
Completion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39