Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SST25WF080B Fiches technique(PDF) 35 Page - Microchip Technology

No de pièce SST25WF080B
Description  8 Mbit 1.8V SPI Serial Flash
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25WF080B Fiches technique(HTML) 35 Page - Microchip Technology

Back Button SST25WF080B Datasheet HTML 31Page - Microchip Technology SST25WF080B Datasheet HTML 32Page - Microchip Technology SST25WF080B Datasheet HTML 33Page - Microchip Technology SST25WF080B Datasheet HTML 34Page - Microchip Technology SST25WF080B Datasheet HTML 35Page - Microchip Technology SST25WF080B Datasheet HTML 36Page - Microchip Technology SST25WF080B Datasheet HTML 37Page - Microchip Technology SST25WF080B Datasheet HTML 38Page - Microchip Technology SST25WF080B Datasheet HTML 39Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 35 / 39 page
background image
 2014 Microchip Technology Inc.
DS20005164C-page 35
SST25WF080B
TABLE 7-1:
REVISION HISTORY
Revision
•
Description
Date
A
•
Initial release of data sheet
Apr 2013
B
•
Updated “Product Identification System” on page 37
•
Changed all occurrences of TCE to TSCE.
•
Updated Figure 6-7 on page 26 and Table 6-8 on page 24
Aug 2013
C
•
Removed “Preliminary” status from the footer.
Jan 2014



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39