| Moteur de recherche de fiches techniques de composants électroniques |
|
USB2227 Fiches technique(PDF) 20 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB2227 Fiches technique(HTML) 20 Page - Microchip Technology |
|
20 / 25 page ![]() USB2227/USB2228 DS00002256A-page 20 2007-2016 Microchip Technology Inc. 7.0 GPIO USAGE TABLE 7-1: GPIO USAGE (ROM REV -11) Name Active Level Symbol Description and Note GPIO1 H Flash Media Activity LED/ xD_Door Indicates media activity. Media or USB cable must not be removed with LED lit. Also may be used for xD Door functionality GPIO2 H EE_CS Serial EE PROM chip select GPIO3 H V_BUS USB V bus detect GPIO4 H EE_DIN/EE_DOUT/xDID Serial EE PROM input/output and xD Identify GPIO5 L HS_IND/SD_CD HS Indicator LED or SD Card Detect Switch input GPIO6 H A16/ROMEN A16 address line connect for DFU or debug LED indicator optional. GPIO7 H EE_CLK/ UNCONF_LED Serial EE PROM clock output or Unconfigured LED. GPIO8 L MS_PWR_CTRL/ CRD_PWR0 Memory Stick Card Power Control, or Internal Power FET0. GPIO9 L CF_PWR_CTRL CompactFlash Card Power Control GPIO10 L SM_PWR_CTRL/ CRD_PWR1 SmartMedia Card Power Control, or Internal Power FET1. GPIO11 L SD/MMC_PWR_CTRL/ CRD_PWR2 SD/MMC Card Power Control, or Internal Power FET2. GPIO12 H MS_ACT_IND/ Media Activity Memory Stick Activity Indicator, or Media Activity LED. GPIO13 H CF_ACT_IND CompactFlash Activity Indicator GPIO14 H SM_ACT_IND SmartMedia Activity Indicator GPIO15 H SD/MMC_ACT_IND SD/MMC Activity Indicator |