Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

USB2517I Fiches technique(PDF) 7 Page - Microchip Technology

No de pièce USB2517I
Description  USB 2.0 Hi-Speed 7-Port Hub Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2517I Fiches technique(HTML) 7 Page - Microchip Technology

Back Button USB2517I Datasheet HTML 3Page - Microchip Technology USB2517I Datasheet HTML 4Page - Microchip Technology USB2517I Datasheet HTML 5Page - Microchip Technology USB2517I Datasheet HTML 6Page - Microchip Technology USB2517I Datasheet HTML 7Page - Microchip Technology USB2517I Datasheet HTML 8Page - Microchip Technology USB2517I Datasheet HTML 9Page - Microchip Technology USB2517I Datasheet HTML 10Page - Microchip Technology USB2517I Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 58 page
background image
 2013-2016 Microchip Technology Inc.
DS00001598B-page 7
USB2517/USB2517I
3.0
PIN CONFIGURATION
FIGURE 3-1:
USB2517I 64-PIN QFN DIAGRAM
Thermal Slug
(must be connected to VSS)
USB2517/USB2517I
(Top View QFN-64)
Indicates pins on the bottom of the device.
USBDN6_DP/PRT_DIS_P6
54
USBDN7_DM/PRT_DIS_M7
55
USBDN6_DM/PRT_DIS_M6
53
USBDN7_DP/PRT_DIS_P7
56
VDDA33
57
USBUP_DP
59
XTAL2
60
XTAL1/CLKIN
61
RBIAS
64
VDD33PLL
63
VDD18PLL
62
USBUP_DM
58
27
OCS2_N
26
PRTPWR2
25
VDD18
24
VDD33CR
23
OCS4_N
22
PRTPWR3
21
OCS3_N
20
PRTPWR4
19
TEST
29
PRTPWR1
28
OCS1_N
30
PRTPWR5
LED_B1_N/BOOST0
50
LED_A1_N/PRT_SWP1
51
LED_A2_N/PRT_SWP2
49
VDDA33
52
18
LED_B5_N
17
LED_A6_N/PRT_SWP6
32
LED_B4_N
31
LED_A5_N/PRT_SWP5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58