Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MYX29GL01GS11DPIV2 Fiches technique(PDF) 52 Page - Micross Components

No de pièce MYX29GL01GS11DPIV2
Description  Tin-lead ball metallurgy
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSS [Micross Components]
Site Internet  http://www.micross.com
Logo MICROSS - Micross Components

MYX29GL01GS11DPIV2 Fiches technique(HTML) 52 Page - Micross Components

Back Button MYX29GL01GS11DPIV2 Datasheet HTML 48Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 49Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 50Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 51Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 52Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 53Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 54Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 55Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 56Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 68 page
background image
MYX29GL01GS11DPIV2
Revision 1.0 - 01/26/2015
*Advanced information. Subject to change without notice.
52
1Gb GL-S MirrorBit® Eclipse™
Flash Memory
MYX29GL01GS11DPIV2*
Form #: CSI-D-685 Document 001
Table 21: Power ON and Reset Parameters (continued)
Notes:
1. Not100%tested.
2. TimingmeasuredfromVCCreachingVCCminimumandVIOreachingVIOminimumtoVIHonResetandVIL
onCE#.
3. RESET#LowisoptionalduringPOR.IfRESETisassertedduringPOR,thelateroftRPH,tVIOS,ortVCS
willdeterminewhenCE#maygoLow.IfRESET#remainsLowaftertVIOS,ortVCSissatisfied,tRPHis
measuredfromtheendoftVIOS,ortVCS.RESETmustalsobeHightRHbeforeCE#goesLow.
4. VCC≥VIO-200mVduringpower-up.
5. VCCandVIOrampratecanbenon-linear.
6. SumoftRPandtRHmustbeequaltoorgreaterthantRPH.
10.2.1
Power-On (Cold) Reset (POR)
DuringtheriseofpowersuppliestheVIOsupplyvoltagemustremainlessthanorequaltotheVCCsupply
voltage.VIHalsomustremainlessthanorequaltotheVIOsupply.
TheColdResetEmbeddedAlgorithmrequiresarelativelylong,hundredsofμs,period(tVCS)toloadallofthe
EACalgorithmsanddefaultstatefromnon-volatilememory.DuringtheColdResetperiodallcontrolsignals
includingCE#andRESET#areignored.IfCE#isLowduringtVCSthedevicemaydrawhigherthannormal
PORcurrentduringtVCSbutthelevelofCE#willnotaffecttheColdResetEA.CE#orOE#musttransitionfrom
HightoLowaftertVCSforavalidreadorwriteoperation.RESET#maybeHighorLowduringtVCS.IfRESET#is
LowduringtVCSitmayremainLowattheendoftVCStoholdthedeviceintheHardwareResetstate.IfRESET#
isHighattheendoftVCSthedevicewillgototheStandbystate.
Whenpowerisfirstapplied,withsupplyvoltagebelowVRSTthenrisingtoreachoperatingrangeminimum,
internaldeviceconfigurationandwarmresetactivitiesareinitiated.CE#isignoredforthedurationofthePOR
operation (tVCS or tVIOS). RESET# Low during this POR period is optional. If RESET# is driven Low during
PORitmustsatisfytheHardwareResetparameterstRPandtRPH.InwhichcasetheResetoperationswillbe
completedatthelateroftVCSortVIOSortRPH.
DuringColdResetthedevicewilldrawICC7current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68