Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS58C1001 Fiches technique(PDF) 17 Page - Micross Components

No de pièce AS58C1001
Description  Low power dissipation, active current
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSS [Micross Components]
Site Internet  http://www.micross.com
Logo MICROSS - Micross Components

AS58C1001 Fiches technique(HTML) 17 Page - Micross Components

Back Button AS58C1001 Datasheet HTML 12Page - Micross Components AS58C1001 Datasheet HTML 13Page - Micross Components AS58C1001 Datasheet HTML 14Page - Micross Components AS58C1001 Datasheet HTML 15Page - Micross Components AS58C1001 Datasheet HTML 16Page - Micross Components AS58C1001 Datasheet HTML 17Page - Micross Components AS58C1001 Datasheet HTML 18Page - Micross Components AS58C1001 Datasheet HTML 19Page - Micross Components AS58C1001 Datasheet HTML 20Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
EEPROM
AS58C1001
AS58C1001
Rev. 5.9 11/10
Micross Components reserves the right to change products or specifications without notice.
17
Micross Case #508 (Package Designator DCJ)
MECHANICAL DEFINITIONS*
*All measurements are in inches.
D
E
D1
A
A2
e
b
E1
E2
B
A1
MIN
MAX
A
0.132
0.142
A1
0.076
0.086
A2
0.018
0.028
B
0.018
0.032
b
0.015
0.019
D
0.816
0.834
D1
0.745
0.755
E
0.430
0.440
E1
0.465
0.485
E2
0.415
0.425
e
0.045
0.055
MICROSS PACKAGE SPECIFICATIONS
SYMBOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20