Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS8SF384K32 Fiches technique(PDF) 13 Page - Micross Components

No de pièce AS8SF384K32
Description  Operation with single 5V supply
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSS [Micross Components]
Site Internet  http://www.micross.com
Logo MICROSS - Micross Components

AS8SF384K32 Fiches technique(HTML) 13 Page - Micross Components

Back Button AS8SF384K32 Datasheet HTML 6Page - Micross Components AS8SF384K32 Datasheet HTML 7Page - Micross Components AS8SF384K32 Datasheet HTML 8Page - Micross Components AS8SF384K32 Datasheet HTML 9Page - Micross Components AS8SF384K32 Datasheet HTML 10Page - Micross Components AS8SF384K32 Datasheet HTML 11Page - Micross Components AS8SF384K32 Datasheet HTML 12Page - Micross Components AS8SF384K32 Datasheet HTML 13Page - Micross Components AS8SF384K32 Datasheet HTML 14Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
SRAM & FLASH
Mixed Module
AS8SF384K32
AS8SF384K32
Rev. 1.3 01/10
Micross Components reserves the right to change products or specifications without notice.
13
MECHANICAL DEFINATIONS*
Package Designator QT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14