Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS8S512K32 Fiches technique(PDF) 9 Page - Micross Components

No de pièce AS8S512K32
Description  Low power CMOS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSS [Micross Components]
Site Internet  http://www.micross.com
Logo MICROSS - Micross Components

AS8S512K32 Fiches technique(HTML) 9 Page - Micross Components

Back Button AS8S512K32 Datasheet HTML 5Page - Micross Components AS8S512K32 Datasheet HTML 6Page - Micross Components AS8S512K32 Datasheet HTML 7Page - Micross Components AS8S512K32 Datasheet HTML 8Page - Micross Components AS8S512K32 Datasheet HTML 9Page - Micross Components AS8S512K32 Datasheet HTML 10Page - Micross Components AS8S512K32 Datasheet HTML 11Page - Micross Components AS8S512K32 Datasheet HTML 12Page - Micross Components AS8S512K32 Datasheet HTML 13Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
SRAM
AS8S512K32
& AS8S512K32A
AS8S512K32 & AS8S512K32A
Rev. 6.9 08/13
Micross Components reserves the right to change products or specifications without notice.
9
MECHANICAL DEFINITIONS*
Micross Case #702 (Package Designator Q)
SMD 5962-94611, Case Outline M
*All measurements are in inches.
4xD2
4xD1
D
b
e
A2
SEEDETAILA
A
A1
E
DETAILA
L1
1o-7o
R
B
SRAM
SRAM
SRAM
SRAM
SRAM
AS8S512K32
& AS8S512K32A
AS8S512K32 & AS8S512K32A
Rev. 6.0 6/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
9
Austin Semiconductor, Inc.
MECHANICAL DEFINITIONS*
ASI Case #702 (Package Designator Q)
SMD 5962-94611, Case Outline M
*All measurements are in inches.
4xD2
4xD1
D
b
e
MIN
MAX
A
0.123
0.200
A1
0.118
0.186
A2
0.000
0.020
B
b
0.013
0.017
D
D1
0.870
0.890
D2
0.980
1.000
E
0.936
0.956
e
R
0.005
---
L1
0.035
0.045
SYMBOL
0.800 BSC
0.050 BSC
SMD SPECIFICATIONS
0.010 REF
A2
SEEDETAILA
A
A1
E
DETAILA
L1
1o-7o
R
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17