Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS8F128K32 Fiches technique(PDF) 21 Page - Micross Components

No de pièce AS8F128K32
Description  Supports Full Chip Erase
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSS [Micross Components]
Site Internet  http://www.micross.com
Logo MICROSS - Micross Components

AS8F128K32 Fiches technique(HTML) 21 Page - Micross Components

Back Button AS8F128K32 Datasheet HTML 14Page - Micross Components AS8F128K32 Datasheet HTML 15Page - Micross Components AS8F128K32 Datasheet HTML 16Page - Micross Components AS8F128K32 Datasheet HTML 17Page - Micross Components AS8F128K32 Datasheet HTML 18Page - Micross Components AS8F128K32 Datasheet HTML 19Page - Micross Components AS8F128K32 Datasheet HTML 20Page - Micross Components AS8F128K32 Datasheet HTML 21Page - Micross Components AS8F128K32 Datasheet HTML 22Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
FLASH
AS8F128K32
AS8F128K32
Rev. 2.8 01/10
Micross Components reserves the right to change products or specifications without notice.
21
ORDERING INFORMATION
*AVAILABLE PROCESSES
IT = Industrial Temperature Range
-40oC to +85oC
XT = Extended Temperature Range
-55oC to +125oC
883C = Full Military Processing
-55oC to +125oC
Q = Full QML Processing
-55oC to +125oC
Device Number
Package
Type
Speed
ns
Process
AS8F128K32
Q
-60
/*
AS8F128K32
Q
-70
/*
AS8F128K32
Q
-90
/*
AS8F128K32
Q
-120
/*
AS8F128K32
Q
-150
/*
Device Number
Package
Type
Speed
ns
Process
AS8F128K32
Q1
-60
/*
AS8F128K32
Q1
-70
/*
AS8F128K32
Q1
-90
/*
AS8F128K32
Q1
-120
/*
AS8F128K32
Q1
-150
/*
EXAMPLE: AS8F128K32Q-70/XT
EXAMPLE: AS8F128K32Q1-120/883C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22