Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2991 Fiches technique(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
No de pièce LM2991
Description  Negative Low Dropout Adjustable Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2991 Fiches technique(HTML) 2 Page - National Semiconductor (TI)

  LM2991 Datasheet HTML 1Page - National Semiconductor (TI) LM2991 Datasheet HTML 2Page - National Semiconductor (TI) LM2991 Datasheet HTML 3Page - National Semiconductor (TI) LM2991 Datasheet HTML 4Page - National Semiconductor (TI) LM2991 Datasheet HTML 5Page - National Semiconductor (TI) LM2991 Datasheet HTML 6Page - National Semiconductor (TI) LM2991 Datasheet HTML 7Page - National Semiconductor (TI) LM2991 Datasheet HTML 8Page - National Semiconductor (TI) LM2991 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Connection Diagrams and Ordering Information
5-Lead TO-220
Straight Leads
DS011260-9
Front View
Order Number LM2991T
See NS Package Number T05A
5-Lead TO-220
Bent, Staggered Leads
DS011260-2
Front View
Order Number LM2991T Flow LB03
See NS Package Number T05D
TO263
5-Lead Surface-Mount Package
DS011260-11
Top View
DS011260-12
Side View
Order Number LM2991S
See NS Package Number TS5B
16-Lead Ceramic Dual-in-Line Package
DS011260-29
Top View
Order Number LM2991J-QMLV
5962-9650501VEA
Order Number LM2991J-QML
5962-9650501QEA
See NS Package Number J16A
16-Lead Ceramic Surface-Mount Package
DS011260-30
Top View
Order Number LM2991WG-QML
5962-9650501QXA
See NS Package Number WG16A
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11