| Moteur de recherche de fiches techniques de composants électroniques |
|
BLUENRG-1 Fiches technique(PDF) 38 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
BLUENRG-1 Fiches technique(HTML) 38 Page - STMicroelectronics |
|
38 / 173 page ![]() Functional details BlueNRG-1 38/173 DocID028866 Rev 1 Source port width Destination port width Number of data items to transfer (NDT) Source content: address/data Transfer operations Destination content: address/data @0x1 / B3B2 2: READ B3B2[15:0] @0x2 then WRITE B0[7:0] @0x1 @0x1 / B2 @0x2 / B5B4 3: READ B5B4[15:0] @0x4 then WRITE B0[7:0] @0x2 @0x2 / B4 @0x3 / B7B6 4: READ B7B6[15:0] @0x6 then WRITE B0[7:0] @0x3 @0x3 / B6 16 16 4 @0x0 / B1B0 1: READ B1B0[15:0] @0x0 then WRITE B1B0[15:0] @0x0 @0x0 / B1B0 @0x1 / B3B2 2: READ B3B2[15:0] @0x2 then WRITE B3B2[15:0] @0x2 @0x2 / B3B2 @0x2 / B5B4 3: READ B5B4[15:0] @0x4 then WRITE B5B4[15:0] @0x4 @0x4 / B5B4 @0x3 / B7B6 4: READ B7B6[15:0] @0x6 then WRITE B7B6[15:0] @0x6 @0x6 / B7B6 16 32 4 @0x0 / B1B0 1: READ B1B0[15:0] @0x0 then WRITE 0000B1B0[31:0] @0x0 @0x0 / 0000B1B0 @0x1 / B3B2 2: READ B3B2[15:0] @0x2 then WRITE 0000B3B2[31:0] @0x4 @0x4 / 0000B3B2 @0x2 / B5B4 3: READ B5B4[15:0] @0x4 then WRITE 0000B5B4[31:0] @0x8 @0x8 / 0000B5B4 @0x3 / B7B6 4: READ B7B6[15:0] @0x6 then WRITE 0000B7B6[31:0] @0xC @0xC / 0000B7B6 32 8 4 @0x0 / B3B2B1B0 1: READ B3B2B1B0[31:0] @0x0 then WRITE B0[7:0] @0x0 @0x0 / B0 @0x4 / B7B6B5B4 2: READ B7B6B5B4[31:0] @0x4 then WRITE B0[7:0] @0x1 @0x1 / B4 |