| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32L0538-DISCO Fiches technique(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L0538-DISCO Fiches technique(HTML) 2 Page - STMicroelectronics |
|
2 / 4 page ![]() System requirements 32L0538DISCOVERY 2/4 DocID026532 Rev 3 System requirements • Windows OS (XP, 7, 8) • USB standard Type-A to Mini-B cable Development toolchains • IAR EWARM (IAR Embedded Workbench®) • Keil® MDK-ARM™ • GCC-based IDEs (free AC6: SW4STM32, Atollic® TrueSTUDIO®,...) • ARM® mbed™ online Demonstration software The demonstration software is preloaded in the STM32L053xx Flash memory. It uses the linear sensor to select one of the displayed demo application on the e-paper display (EPD): USB mouse demo or IDD measurement demo in different power modes. The latest versions of the demonstration source code and associated documentation can be downloaded from www.st.com/stm32l0-discovery. Ordering information To order the Discovery kit for STM32L053xx microcontrollers, use the order code: STM32L0538-DISCO. |