Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS5C2568 Fiches technique(PDF) 13 Page - Micross Components

No de pièce AS5C2568
Description  Low power standby
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSS [Micross Components]
Site Internet  http://www.micross.com
Logo MICROSS - Micross Components

AS5C2568 Fiches technique(HTML) 13 Page - Micross Components

Back Button AS5C2568 Datasheet HTML 9Page - Micross Components AS5C2568 Datasheet HTML 10Page - Micross Components AS5C2568 Datasheet HTML 11Page - Micross Components AS5C2568 Datasheet HTML 12Page - Micross Components AS5C2568 Datasheet HTML 13Page - Micross Components AS5C2568 Datasheet HTML 14Page - Micross Components AS5C2568 Datasheet HTML 15Page - Micross Components AS5C2568 Datasheet HTML 16Page - Micross Components AS5C2568 Datasheet HTML 17Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
SRAM
MT5C2568
AS5C2568
MT5C2568 / AS5C2568
Rev. 4.7 10/11
Micross Components reserves the right to change products or specifications without notice.
13
* All measurements are in inches.
Micross Case #500 (Package Designator DCJ)
MECHANICAL DEFINITIONS*
E1
B1
A3
A
A2
e
b
D
E
MIN
MAX
A
0.116
0.166
A2
0.026
0.036
A3
---
0.166
B1
0.030
0.040
b
0.015
0.019
D
---
0.740
E
0.380
0.420
E1
0.395
0.410
e
SYMBOL
0.050 BSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17