Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SST39VF3201C Fiches technique(PDF) 13 Page - Microchip Technology

No de pièce SST39VF3201C
Description  32 Mbit (x16) Multi-Purpose Flash Plus
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST39VF3201C Fiches technique(HTML) 13 Page - Microchip Technology

Back Button SST39VF3201C Datasheet HTML 9Page - Microchip Technology SST39VF3201C Datasheet HTML 10Page - Microchip Technology SST39VF3201C Datasheet HTML 11Page - Microchip Technology SST39VF3201C Datasheet HTML 12Page - Microchip Technology SST39VF3201C Datasheet HTML 13Page - Microchip Technology SST39VF3201C Datasheet HTML 14Page - Microchip Technology SST39VF3201C Datasheet HTML 15Page - Microchip Technology SST39VF3201C Datasheet HTML 16Page - Microchip Technology SST39VF3201C Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
©2014 Silicon Storage Technology, Inc.
DS20005020B
07/14
13
32 Mbit Multi-Purpose Flash Plus
SST39VF3201C / SST39VF3202C
Data Sheet
Security ID
The SST39VF3201C/3202C devices offer a 136 word Security ID space. The Secure ID space is
divided into two segments - one factory programmed segment and one user programmed segment.
The first segment is programmed and locked at Microchip with a random 128-bit number. The 128-
word user segment is left un-programmed for the customer to program as desired.
To program the user segment of the Security ID, the user must use the Security ID Word-Program
command. To detect end-of-write for the SEC ID, read the toggle bits. Do not use Data# Polling. Once
this is complete, the Sec ID should be locked using the User Sec ID Program Lock-Out. This disables
any future corruption of this space. Note that regardless of whether or not the Sec ID is locked, neither
Sec ID segment can be erased.
The Secure ID space can be queried by executing a three-byte command sequence with Enter Sec ID
command (88H) at address 555H in the last byte sequence. To exit this mode, the Exit Sec ID com-
mand should be executed. Refer to Table 7 for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37